Part Number Hot Search : 
51GHR CPX2408T 13009 MPC560XB AT24WC B240A AP4575M CSNB351
Product Description
Full Text Search
 

To Download MLC822A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MLC822A 8-Bit micro-controller with 660 dots LCD Driver
Features
* Single chip 8-bit micro-controller * Operating voltage: 2.4V to 5.5V * Memory :


Internal R-type VLCD divider 10 level programmable frame rate from 56.7Hz to 113.8Hz
Program ROM: 48*1024 Bytes Data RAM (stack RAM included) : 3072 Bytes
* Two re-loadable 8-bit timers * Two dividers
One 14-bit divider with the clock source from sub-oscillator to generate a 2-Hz interrupt One 7-bit divider with the clock source from main oscillator
LCD RAM : 88 Bytes
* 10 input/output pins:

Dedicated I/O pins: P0[5:0] Share pin I/O: ! P0[7:6]/(UART TX, RX) ! P1[0:1]/(SCLK, SDIO)
* Build-in dual oscillation circuit:
Ring oscillator up to 5MHz at 3.6V - 5.5V 4MHZ at 2.4V - 3.4V for main oscillator (Fosc)
* Half duplex UART function * Build-in Megawin E-flash interface * Dedicated SPK pin for tone output * LCD driver output:

32768Hz crystal oscillator for sub-oscillator (Fx32)
Max 60 segment x 11 common 1/11, 1/10, 1/9 duty and 1/4, 1/5 bias driving mode
* Build-in 8-level battery-low detector circuit
This document contains information on a new product under development by MEGAWIN. MEGAWIN reserves the right to change or discontinue this product without notice. MEGAWIN Technology Co., Ltd. 2004 All rights reserved. 2003/01/19 version A4
MEGAWIN
General Description
MLC822A is a cost effective, high performance 8-bit micro-controller of MEGAWIN. It be used to system link with other devices. An e-flash interface is useful for the external memory application. The MLC822A provides a build-in oscillator as clock source. It is suitable for data bank product, hand-held game, toy controllers and other products' applications.
integrates an 8-bit pipeline CPU core, 48KB ROM, 3072B RAM, two 8-bit timers, 660 dots LCD driver, 10 I/O pins and other system control circuits into a single chip. MLC822A build in an UART interface circuit, which could
2
MLC822A Technical Summary
MEGAWIN


▲Up To Search▲   

 
Price & Availability of MLC822A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X